Part Number Hot Search : 
TFS70E CD22357A 21M10 4841NH 3216C EM274211 PE9707 AT76C113
Product Description
Full Text Search
 

To Download TT6061A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CIRCUIT IDEAS
touch signal is connected to the counter/ decoder via a resistor and clock input CK is connected to the counter/decoder via a frequency generator. Line frequency signal is taken through R4 at pin 2 of IC TT6061A. At zero crossing, the triac (BT136) triggers to drive a 200W bulb. The 6.8V power supply is taken directly from mains through resistors R1 and R3, diode D3, capacitor C4, and zener diode and fed to power-input pin 3 of the IC. Capacitors C1, C2, and C3 connected between touch input pin 4 and touch plate Pin Assignments of IC TT6061A
Pin No. 1 2 3 4 5 6 7 8 Pin name CK FI VDD TI CI NC VSS AT Function description System clock input 50Hz line frequency Power input pin for VDD Touch input Sensor control input Not connected Power input pin for VSS Angle-trigger output
TOUCH DIMMER
K. KRISHNA MURTY
I VED DWI S.C.
B
y simply touching this touch dimmer you can increase the light intensity of incandescent lamps in three steps. The touch dimmer is built around 8-pin CMOS IC TT8486A/TT6061A specifically manufactured for touch dim-
second touch, the bulb gives medium light. At the third touch, the bulb is driven fully. Another touch puts off the light. Since the IC is highly sensitive, use a long wire to connect the IC to the touch sensor. The circuit uses minimum external components. For touch plate, you can use a simple copper plate of 1cmx1cm or
mer applications. Initially, when mains switch is `on,' the bulb is `off'. Now, if you touch the touch plate, the bulb glows dimly. On
even the end of the lead wire. Touch plate is coupled to the touch detector through 820pF, 2kV capacitors C1, C2, and C3 connected in series. Internally IC TT6061A's
remove the shock potential from the touch plate, so do not replace these capacitors with a single capacitor or with a capacitor of a lower voltage rating. Mains potential exists in the circuit. Needless to say, it is dangerous to touch the circuit when mains is `on.' Note. The IC had been procured by the author from SM Semiconductors, Santacruz (W), Mumbai.
DECEMBER 2003
ELECTRONICS FOR YOU


▲Up To Search▲   

 
Price & Availability of TT6061A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X